Part Number Hot Search : 
500000 GST160A R5220X 2SC4489R D12NF06 Y7C106 LC7281 SP8799
Product Description
Full Text Search
 

To Download 14-60-0044 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mx01 c-25 c 2.54mm (.100") pitch features and specifications 2.54mm (.100") pitch sl insulation displacement connector assembly 70400 female, single row version g, positive latch features and bene?s sizes 2 to 25 circuits preloaded, single piece construction allows for fully automated termination packaged in plastic tubes to allow for automated manufacturing and to minimize product handling positive latch secures connector to mating header or panel mount front ribs prevent housing from being twisted off pins anti-entanglement/overstress ribs prevent discrete wires from catching under latch during harness manufacturing and storage reference information product speci?ation: ps-70400 packaging: tube ul file no.: e29179 csa file no.: lr19980 mates with: 70018, 70107-a, 70107-b, 70543, 70545, 70553 and 70555 use with molex cable: 7307, 7767, 8996, 8997, 24226, 24241, 24369 and 24389 designed in: inches electrical voltage: 250v current: 1.2a?8 awg; 1.8a?6 awg 3.0a?4 awg; 3.0a?2 awg contact resistance: 15m ? max. dielectric withstanding voltage: 1500v insulation resistance: 10,000 m ? min. mechanical contact retension to housing: 17.79n (4 lb) min. for 15 sec mating force: gold?.08n (.70 lb) per circuit; tin?.15n (.93 lb) per circuit unmating force: gold?65n (.15 lb) per circuit; tin?.47n (.55 lb) per circuit durability: gold?0 cycles; tin?5 cycles physical housing: black glass-?led polyester, ul 94v-0 contact: phosphor bronze plating: see table operating temperature: -40 to +105?c insulation and wire gauge range: .053" max. with 22 to 28 awg stranded discrete wire or ?t ribbon cable pin height: .320" max. to .200" min. (measured from top of housing or pcb to top of pin) catalog drawing (for reference only) not for use with c-grid iii components delivered on a carrier with 20 pieces per strip. actual size universal polarizing pin 40713-1 order no. 15-04-0292 plating code (stripe on carrier strip) plating color tin/lead none 15 " gold yellow 30 " gold red note: 2 circuit assemblies supplied as grouped pairs wire gauge chart code stamped on terminals wire gauge (awg) a24 b26 c28 d22 ordering information and dimensions circuits dimension ab 2 5.05 (.199) 2.54 (.100) 3 7.59 (.299) 5.08 (.200) 4 10.13 (.399) 7.62 (.300) 5 12.67 (.499) 10.16 (.400) 6 15.21 (.599) 12.70 (.500) 7 17.75 (.699) 15.24 (.600) 8 20.29 (.799) 17.78 (.700) 9 22.83 (.899) 20.32 (.800) 10 25.37 (.999) 22.86 (.900) 11 27.91 (1.099) 25.40 (1.000) 12 30.45 (1.199) 27.94 (1.100) 13 32.99 (1.299) 30.48 (1.200) 14 35.53 (1.399) 33.02 (1.300) 15 38.07 (1.499) 35.56 (1.400) 16 40.61 (1.599) 38.10 (1.500) 17 43.15 (1.699) 40.64 (1.600) 18 45.69 (1.799) 43.18 (1.700) 19 48.23 (1.899) 45.72 (1.800) 20 50.77 (1.999) 48.26 (1.900) 21 53.31 (2.099) 50.80 (2.000) 22 55.85 (2.199) 53.34 (2.100) 23 58.39 (2.299) 55.88 (2.200) 24 60.93 (2.399) 58.42 (2.300) 25 63.47 (2.499) 60.96 (2.400) circuits dimension ab wire accommodation (awg) order no. 15 " gold 30 " gold 150 " tin/lead 28 14-56-2xx6 14-56-3xx3 14-60-0xx6 26 14-56-2xx4 14-56-3xx1 14-60-0xx4 24 ?14-56-2xx2 14-56-2xx8 14-60-0xx2 22 14-56-7xx7 14-56-8xx2 14-56-7xx2 replace xx with no. of circuits, 02-25 ?us standard product, available through molex franchised distributors


▲Up To Search▲   

 
Price & Availability of 14-60-0044

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X